PART |
Description |
Maker |
MAX9257A MAX9257AGCM MAX9257AGCV MAX9257AGTL MAX92 |
Fully Programmable Serializer/Deserializer with UART/I2C Control Channel
|
Maxim Integrated Products
|
XR82C684 |
Quad UART with Four Fully Independent Full-Duplex Asynchronous Communication Channels
|
Exar
|
SC68C2550B SC68C2550BIB48 SC68C2550BIB48128 |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and 68 mode mP interface 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and Motorola uP interface; Package: SOT313-2 (LQFP48); Container: Reel Pack, SMD, 13", Turned 2 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQFP48
|
NXP Semiconductors N.V.
|
5962-9052502MQA 5962-9052501MQA |
CMOS universal asynchronous receiver transmitter (UART), 8MHz = 500K BAUD CMOS universal asynchronous receiver transmitter (UART), 2MHz = 125K BAUD
|
Intersil
|
XR82C684CJ-F |
CMOS Quad Channel UART(QUART)
|
Exar Corporation
|
ST16C554DC ST16C554DCQ64 ST16C554DCJ68 ST16C554DIJ |
QUAD UART WITH 16-BYTE FIFOS UART From old datasheet system
|
EXAR[Exar Corporation] EXRA Exar Corp
|
ST16C450 ST16C450CJ44 ST16C450CP40 ST16C450CQ48 ST |
UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART) UART with Higher Operating Speed and Lower Access Time
|
EXAR[Exar Corporation]
|
ST16C552 |
UART,CMOS,LDCC,68PIN,PLASTIC From old datasheet system
|
Exar
|
ST16C654CJ68 |
UART,CMOS,LDCC,68PIN,PLASTIC From old datasheet system
|
Exar Corp
|
ST16C550CP40 |
UART,CMOS,DIP,40PIN,PLASTIC From old datasheet system
|
Exar Corp
|
FT2232C04 |
Dual USB UART / FIFO I.C.
|
Future Technology Devices International Ltd.
|